Part Number Hot Search : 
128J3 MOC8101 SUT390J RX1020 016C2 2SC3328 S1002 2SK4014
Product Description
Full Text Search
 

To Download KW2-802A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KW2-802 SERIES
LED Numeric Display Dual Digit (0.80")
DESCRIPTION:
The KW2-802 series is large dual digit display in 0.80 inch (20.30mm) height with right DPs designed for accurate readable displays need to be viewed over a distance. This series is suitable for use in instruments, digital readout displays. All devices are available as either common anode or common cathode.
PACKAGE DIMENSIONS
10.0
o
12.40
1.70 20.30(.8")
DIG.1 F E
DIG.2 A G B C D DP
+ PIN1 18.00 35.80 10.00
ABSOLUTE MAXIMUM RATINGS: (Ta=25 C)
Parameter Max Reverse Voltage per segment 5V Reverse Current per segment (Vr = 5V) 100A Derating Linear from 25oC per segment 0.4mA/ oC Operating Temperature Range -40oC To 85oC Storage Temperature Range -40oC To 100oC Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260oC
NOTES : 1. All dimensions are in millimeters (inches). 2. Tolerance is +0.25mm(0.010) unless otherwise specified. 3. Specifications are subject to change without notice. 4. NP: No Pin. 5. NC: No Connect.
o
25.80
0.50 22.00 2.54*4=10.16
INTERNAL CIRCUIT DIAGRAM
1 ABCDE DIG.1 F G DP 2 DIG.2 F G DP
ABCDE
TESTING CONDITION FOR EACH PARAMETER :
Parameter Forward Voltage Peak Emission Wave Length Spectral Line Half-Width Reverse Current Average Luminous Intensity Symbol Vf Ir Iv Unit V nm nm A cd Test Condition If=20mA If=20mA If=20mA Vr=5V If=10mA
98
7
6 1
54 DIG.1
3 10 2 DIG.2 F G DP
ABCDE
F G DP
ABCDE
98
7
6
54
3 10
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25 C AMBIENT)
Chip Part No. Raw Material GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP Emitted Color Hi-Eff. Red Super Red Green Super Green Yellow Hi-Eff Red Super Red Green Super Green Yellow Common Cathode Common Anode C.C or C.A Wave Length (nm) 635 660 565 570 585 635 660 565 570 585 Absolute Maximum Ratings Pd If Electro-optical Data(at 10mA)
o
If If Vf (V) Iv (cd) (Peak) Per Segment (Rec) Per Segment (nm) (mW) (mA) (mA) Min. Typ. Max. mA Min. Typ. 45 20 30 30 30 45 20 30 30 30 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50 50 50 100 100 100 100 100 100 100 100 100 100 1.7 1.5 1.7 1.7 1.7 1.7 1.5 1.7 1.7 1.7 1.9 1.9 2.2 2.2 1.9 1.9 1.9 2.2 2.2 1.9 2.6 10-20 750 2000
KW2-802A3 KW2-802AS KW2-802A2 KW2-802AG KW2-802A6 KW2-802C3 KW2-802CS KW2-802C2 KW2-802CG KW2-802C6
2.6 10-20 5600 21000 2.6 10-20 750 2.6 10-20 850 2.6 10-20 700 2.6 10-20 750 2000 2200 1600 2000
2.6 10-20 5600 21000 2.6 10-20 750 2.6 10-20 850 2.6 10-20 700 2000 2200 1600
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments. 2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve. 3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).


▲Up To Search▲   

 
Price & Availability of KW2-802A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X